Part Number Hot Search : 
305000 BYG24 BYG24 GBP3010 MB90F S9S12X MBT2369 A1284
Product Description
Full Text Search
 

To Download RP03-1205DB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
Regulated Converters


2:1 Wide Input Voltage Range Safety standards and approvals: EN 60950 certified, rated for 250VAC (LVD test report) 3 Watts Regulated Output Power 500VDC Isolation Over Current Protection Also Available with Isolated Outputs, Output 1/Output 2 (DS) Isolation Five-Sided Shield Standard DIP24 and SMD-Pinning UL 1950 Component Recognized High Efficiency to 80%
POWERLINE
DC/DC-Converter
RP03-S_DB (DB/DS) Series
3 Watt DIP24 & SMD, Single, Dual & Dual Isolated Output
Selection Guide 12V, 24V and 48V Input Types
Part Number for DB/DS(V1 & V2) DIP24 (SMD) RP03-123.3SB** RP03-1205SB** RP03-1212SB** RP03-1215SB** RP03-243.3SB** RP03-2405SB** RP03-2412SB** RP03-2415SB** RP03-483.3SB** RP03-4805SB** RP03-4812SB** RP03-4815SB** RP03-1205DB** RP03-1212DB** RP03-1215DB** RP03-2405DB** RP03-2412DB** RP03-2415DB** RP03-4805DB** RP03-4812DB** RP03-4815DB** RP03-1205DB/DS** RP03-1212DB/DS** RP03-1215DB/DS** RP03-2405DB/DS** RP03-2412DB/DS** RP03-2415DB/DS** RP03-4805DB/DS** RP03-4812DB/DS** RP03-4815DB/DS** Input Range VDC 9-18 9-18 9-18 9-18 18-36 18-36 18-36 18-36 36-75 36-75 36-75 36-75 9-18 9-18 9-18 18-36 18-36 18-36 36-75 36-75 36-75 9-18 9-18 9-18 18-36 18-36 18-36 36-75 36-75 36-75 Output Voltage V1 & V2 VDC 3.3 5 12 15 3.3 5 12 15 3.3 5 12 15 5 12 15 5 12 15 5 12 15 5/5 12 / 12 15 / 15 5/5 12 / 12 15 / 15 5/5 12 / 12 15 / 15 Output Current V1 & V2 mA 500 500 250 200 500 500 250 200 500 500 250 200 250 125 100 250 125 100 250 125 100 250 / 250 125 / 125 100 / 100 250 / 250 125 / 125 100 / 100 250 / 250 125 / 125 100 / 100 Input (4) Efficiency(5) Current mA 196 286 333 329 101 149 169 169 50 75 84 84 293 329 329 147 169 169 75 86 169 293 329 329 147 169 169 75 86 86 % 74 77 79 80 72 74 78 78 73 74 79 79 75 80 80 75 78 78 74 77 77 75 80 80 75 78 78 74 77 77 Capacitive(6) Load max. V1 & V2 F 2200 1000 220 150 2200 1000 220 150 2200 1000 220 150 470 100 68 470 100 68 470 100 68 470 / 470 100 / 100 68 / 68 470 / 470 100 / 100 68 / 68 470 / 470 100 / 100 68 / 68
** add Suffix SMD for SMD package
Description
The B-Series of DC/DC Converters are fully certified to EN 60950: 2000. This makes them ideal for all Telecom and safety applications where approved isolation is required. They also meet UL 1950 and CSA 950 standards (8).
170
April-2005
www.recom-international.com
POWERLINE
DC/DC-Converter
RP03-S_DB (DB/DS) Series
RP03-4805SB/M1
125 100
Derating-Graph (Ambient Temperature)
RP03-4805SB
125 100 75 Output Power (%) 50 25 50 60 70 80 90 100 75 Ambient Temperature Range (C) 0 -25 -10 0
Output Power (%)
Natural Convection
75 50 25 0 -40 -25 -10 0 50 60 70 80 90 100 85 Ambient Temperature Range (C)
Natural Convection
Derating graphes are valid only for the shown part numbers. If you need detailed derating-information about a part-number not shown here please contact our technical customer service at info@recom-development.at
Specifications (typical at nominal input and 25C unless otherwise noted)
Input Voltage Range 12V nominal input 24V nominal input 48V nominal input 9-18VDC 18-36VDC 36-75VDC Pi Type 12V Input 24V Input 48V Input 36VDC 50VDC 100VDC 20mAp-p 350ms typ. 3W max. 2% 10% of FL 0.2% Single Dual at DS 0.2% 1% 5% 50mVp-p 0.02%/C, max. 200S 180% typ Continuous, automatic recovery see Selection Guide" table continued on next page www.recom-international.com April-2005 171
Input Filter Input Surge Voltage (100 ms max.)
Input Reflected Ripple (nominal Vin and full load) Start Up Time (nominal Vin and constant resistor load) Output Power Output Voltage Accuracy (full Load and nominal Vin) Minimum Load (see Note 1) Line Regulation (LL-HL at full load) Load Regulation (25% to 100% FL) Cross Regulation (asymmetrical load 25%/100% FL) Ripple and Noise (20MHz bandwith) Temperature Coefficient Transient Response (25% load step change) Over Load Protection (% of full load at nominal Vin) Short Circuit Protection Efficiency
POWERLINE
DC/DC-Converter
Specifications (typical at nominal input and 25C unless otherwise noted)
Isolation Voltage
RP03-S_DB (DB/DS) Series
In to out I/O to case Output to Output DIP at SMD type /DS type 500VDC min. 500VDC min. 500VDC min. 109 min. 300pF max. 300kHz typ. UL 1950, EN60950 Standard M1 (see note 3) -25C to +85C (with derating) -40C to +85C (non-derating) +100C -55C to +105C Natural convection 20C/Watt MIL-STD-810D 10-55Hz, 2G, 30 Min. along X, Y and Z 5% to 95% RH Nickel-Coated copper Non-conductive black plastic Epoxy (UL94-V0) EN55022 EN55022 EN61000-4-2 EN61000-4-3 EN61000-4-4 EN61000-4-5 EN61000-4-6 DIP SMD DIP SMD Level A Level A Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 16g 18g 31.8 x 20.3 x 10.2mm 32.0 x 20.3 x 10.9mm 3.069 x 106 Hours
Isolation Resistance Isolation Capacitance Operating Frequency Approved to Safety Standards Operating Temperature Range Maximum Case Temperature Storage Temperature Range Thermal Impedance Thermal Shock Vibration Relative Humidity Case Material Base Material Potting Material Conducted Emissions Radiated Emissions ESD Radiated Immunity Fast Transient Surge Conducted Immunity Weight Dimensions MTBF (see note 2)
Notes :
1. The RP03 series requires a minimum of 10% loading on the output to maintain specified regulation. Operation under no-load condition will not damage these devices, however they may not meet all listed specification. 2. BELLCORE TR-NWT-000332. Case l: 50% Stress, Temperature at 40C (Ground fixed and controlled environment). 3. M1 version is more efficient, therefore, it can be operated in a more extensive temperature range than standard version. 4. Maximum value at nominal input voltage and full load of standard type. 5. Typical value at nominal input voltage and full load. 6. Test by minimum Vin and constant resistor load. 7. Should an O/O isolation be required, please order the converter with the following part number: RP03-XXXXDB/DS. 8. The "M1" version (RP03-xxxxSB-M1 / RP03-xxxxDB-M1) and the dual-isolated-output-version (RP03-xxxxDS) do not carry the UL certification. 9. See application notes for EMI-filtering.
172
April-2005
www.recom-international.com
POWERLINE
DC/DC-Converter
Package Style and Pinning (mm)
DIP24 Package Style
RP03-S_DB (DB/DS) Series
3rd angle projection 20.30
31.80
10.20 3.8 2 22.90 2.54 15.20
SMD Pin Connections out in Pin # Single Dual +Vin -Vout Com Com +Vout -Vin -Vin +Vout Com Com -Vout +Vin Dual Separated Outputs +Vin -V1 out +V1 out -V2 out +V2 out -Vin -Vin +V2 out -V2 out +V1 out -V1 out +Vin
0.25 x 0.50 Rectangular Pin 123 Bottom View 24 23 22 15 14 13 10 11 12
1 +Vin 2 NC 3 NC 10 -Vout 11 +Vout 12 -Vin 13 -Vin 14 +Vout 15 -Vout 22 NC 23 NC 24 +Vin NC = No Connection
Pin Pitch Tolerance 0.35 mm
SMD Package Style
32.00 31.40 11.20 10.90 3.81 6.35 21.30 25.40
SMD Pin Connections out in Pin # Single Dual +Vin -Vout Com Com +Vout -Vin -Vin +Vout Com Com -Vout +Vin NC Dual Separated Outputs +Vin -V1 out +V1 out -V2 out +V2 out -Vin -Vin +V2 out -V2 out +V1 out -V1 out +Vin NC
20.30
SMD Package Style
Same spec. as the original DIP spec. and pin definition, excl. of the SMD type pin.
2.54
Pin area 0.1 x 0.50
12345
0.50
9 10 11 12
2.54
1.60 2.40
23.40
Bottom View
24 23 22 21 20 16 15 14 13
26.54 24.14
1
Top View
11 x 2.54
27.94
1 +Vin 2 NC 3 NC 10 -Vout 11 +Vout 12 -Vin 13 -Vin 14 +Vout 15 -Vout 22 NC 23 NC 24 +Vin Others NC NC = No Connection
Pin Pitch Tolerance 0.35 mm
www.recom-international.com
April-2005
173


▲Up To Search▲   

 
Price & Availability of RP03-1205DB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X